Part Number Hot Search : 
AX111 WSXXXN MJH11020 4AV15F STA8550N FOD2741A EDE5108 7720S
Product Description
Full Text Search
 

To Download EEE-HAJ331XAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ ha ? eee-14 ? 22 ha j capacitance ( f) series identification lot number negative polarity marking (? rated voltage mark mark for lead-free products black dot (square) a 0.2 w () reference size d 0.5 h b 0.2 (i) k (p) (i) l + 0.3 max. pressure relief ( 10 and larger) features endurance: 105 c 1000 h vibration- proof product is available upon request. ( 8 mm and larger) rohs directiv e compliant surface mo unt type series: ha type: v ha high temperature lead-free re? ow (suf? x:a ? ) speci? cations di men sions in mm(not to scale) marking example: 6. 3 v 22 f marking colo r: black category temp. range 40 c to +10 5 c rated w.v. range 6.3 v.dc to 50 v.dc nomi nal cap. range 0.1 f to 1500 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.01 cv or 3 (a) after 2 minutes (whichever is greater) tan please see the attached high temperature lead-fre e re ow products list. characteristics at low te mperature w.v. (v) 6.3 10 16 25 35 50 (impedance rati o at 120 hz) z(25 c)/z(+2 0 c) 4 32222 z(40 c)/z(+2 0 c) 8 64433 endurance after applying rated workin g voltage for 1000 hours at +105 c2 c and then being stabilized at +20 c, ca pacitors shall meet the following limits. capacitance change ?0 % of initial measured value tan < 200 % of initial speci ed value dc leakag e current < initial speci ed value shelf life after storag e for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c, ca pacitors shall meet the limits speci ed in endurance. (with voltage treatment) resistance to soldering heat after re ow soldering and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change ?0 % of initial measured value tan < initial speci ed value dc leakag e current < initial speci ed value s ha hight-temperature assuranceize  size code dl a, b h i w p k b 4.0 5.4 - 0.2 4.3 5.5 max. 1.8 0.65?.1 1.0 0.35 - 0.20 c 5.0 5.4 - 0.2 5.3 6.5 max. 2.2 0.65?.1 1.5 0.35 - 0.20 d 6.3 5.4 - 0.2 6.6 7.8 max. 2.6 0.65?.1 1.8 0.35 - 0.20 d8 6.3 7.7?.3 6.6 7.8 max. 2.6 0.65?.1 1.8 0.35 - 0.20 e 8.0 6.2?.3 8.3 9.5 max. 3.4 0.65?.1 2.2 0.35 - 0.20 f 8.0 10.2?.3 8.3 10.0 max. 3.4 0.90?.2 3.1 0.70?.20 g 10.0 10.2?.3 10.3 12.0 max. 3.5 0.90?.2 4.6 0.70?.20 + 0.1 + 0.1 + 0.1 + 0.15 + 0.15 + 0.15 + 0.15 + 0.15 frequency (hz) 50, 60 120 1 k 10 k to correction factor 0.70 1.00 1.30 1.70 frequency correction factor for ripple current j 6.3 v a 10 v c 16 v rated volt age mark e 25 v v 35 v h 50 v (unit : mm) 00 nov. 2012
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ ha ? eee-15 ? high temperatre lead-free re? ow products w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length ? size code ripple current (120 hz) (+105c) tan (120 hz) (+20 c) taping (v) (?) ( mm) (mm) (ma r .m.s.) (pcs) 6.3 22 4 5.4 b 29 0.30 eeeha0j220ar (5) 2 000 33 4 5.4 (b) 29 0.35 eeehaj330war (5) 2 000 47 5 5.4 c 46 0.30 eeeha0j470ar (5) 1 000 100 55.4(c)4 70.40 eeehaj101war (5) 1 000 6.3 5.4 d 71 0.30 eeeha0j101ap (5) 1 000 330 6.3 7.7 d8 105 0.30 eeehaj331xap (5) 900 86.2(e)1800.35 eeehaj331uap (7) 500 810.2 f2300.35 eeeha0j331ap (7) 500 470 8 10.2 (f) 300 0.35 eeehaj471uap (7) 500 1000 10 10.2 g 400 0.35 eeeha0j102ap (7) 500 1500 10 10.2 (g) 480 0.50 eeehaj152uap (7) 500 10 22 4 5.4 (b) 28 0.30 eeehaa220war (5) 2 000 33 45.4(b)290.30 eeehaa330war (5) 2 000 55.4c430.22 eeeha1a330ar (5) 1 000 47 5 5.4 (c) 43 0.30 eeehaa470war (5) 1 000 100 6.3 5.4 (d) 71 0.30 eeehaa101wap (5) 1 000 86.2e1100.26 eeeha1a 101ap (7) 1 000 220 6.3 7.7 d8 105 0.22 eeehaa221xap (5) 900 810.2 f 1600.26 eeeha1a 221ap (7) 500 470 810.2(f)2000.26 eeehaa471uap (7) 500 10 10.2 g 270 0.26 eeeha1a 471ap (7) 500 1000 10 10.2 (g) 400 0.35 eeehaa102uap (7) 500 16 10 4 5.4 b 28 0.16 eeeha1c100ar (5) 2 000 22 45.4(b)280.26 eeehac220war (5) 2 000 55.4c390.16 eeeha1c220ar (5) 1 000 33 5 5.4 (c) 35 0.26 eeehac330war (5) 1 000 47 55.4(c)390.26 eeehac470war (5) 1 000 6.3 5.4 d 70 0.16 eeeha1c470ap (5) 1 000 100 6.3 5.4 (d) 70 0.26 eeehac101wap (5) 1 000 220 6.3 7.7 d8 105 0.20 eeehac221xap (5) 900 810.2(f)1500.20 eeehac221uap (7) 500 10 10.2 g 210 0.20 eeeha1c221ap (7) 500 330 810.2(f)1700.20 eeehac331uap (7) 500 10 10.2 g 230 0.20 eeeha1c331ap (7) 500 470 810.2(f)3400.26 eeehac471uap (7) 500 10 10.2 g 340 0.20 eeeha1c471ap (7) 500 680 10 10.2 (g) 380 0.26 eeehac681uap (7) 500 ? size code( ):miniaturization product if part number exceeds 12 digits, voltage code is abbreviated as follows; 0j  j, 1a  a, 1c  c, 1e  e, 1v  v, 1 h  h ?please refer to the page of ?e? ow pro? le?and ?he taping dimensions? ?when requesting vibration-proof product, please put the last ??instead to ? endurance : 105 ? 1000 h 00 nov. 2012
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ ha ? eee-16 ? high temperatre lead-free re? ow products w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length ? size code ripple current (120 hz) (+105c) tan (120 hz) (+20 c) taping (v) (?) ( mm) (mm) (ma r .m.s.) (pcs) 25 4.7 4 5.4 b 22 0.14 eeeha1e4r7ar (5) 2 000 10 45.4(b)220.20 eeehae100war (5) 2 000 55.4c280.14 eeeha1e100ar (5) 1 000 22 55.4(c)350.20 eeehae220war (5) 1 000 6.3 5.4 d 55 0.14 eeeha1e220ap (5) 1 000 33 55.4(c)450.20 eeehae330war (5) 1 000 6.3 5.4 d 65 0.14 eeeha1e330ap (5) 1 000 47 6.3 5.4 (d) 70 0.20 eeehae470wap (5) 1 000 86.2e910.16 eeeha1e470ap (7) 1 000 100 86.2(e)910.16 eeehae101uap (7) 1 000 6.3 7.7 d8 91 0.16 eeehae101xap (5) 900 810.2 f1300.16 eeeha1e101ap (7) 500 220 810.2(f)1600.20 eeehae221uap (7) 500 10 10.2 g 190 0.16 eeeha1e221ap (7) 500 330 810.2(f)1800.20 eeehae331uap (7) 500 10 10.2 g 340 0.16 eeeha1e331ap (7) 500 470 10 10.2 (g) 360 0.25 eeehae471uap (7) 500 35 4.7 4 5.4 b 22 0.12 eeeha1v4r7ar (5) 2 000 10 45.4(b)220.16 eeehav100war (5) 2 000 55.4c300.12 eeeha1v100ar (5) 1 000 22 55.4(c)350.16 eeehav220war (5) 1 000 6.3 5.4 d 60 0.12 eeeha1v220ap (5) 1 000 33 6.3 5.4 (d) 42 0.16 eeehav330wap (5) 1 000 86.2e840.14 eeeha1v330ap (7) 1 000 47 86.2(e)840.14 eeehav470uap (7) 1 000 810.2 f 98 0.14 eeeha1v470ap (7) 500 100 6.3 7.7 d8 84 0.14 eeehav101xap (5) 900 810.2(f)1200.14 eeehav101uap (7) 500 10 10.2 g 160 0.14 eeeha1v101ap (7) 500 220 810.2(f)1700.14 eeehav221uap (7) 500 10 10.2 g 210 0.14 eeeha1v221ap (7) 500 330 10 10.2 (g) 250 0.30 eeehav331uap (7) 500 50 0.1 4 5.4 b 1 0.12 eeeha1hr10ar (5) 2 000 0.22 4 5.4 b 2 0.12 eeeha1hr22ar (5) 2 000 0.33 4 5.4 b 3 0.12 eeeha1hr33ar (5) 2 000 0.47 4 5.4 b 5 0.12 eeeha1hr47ar (5) 2 000 1 4 5.4 b 10 0.12 eeeha1h1r0ar (5) 2 000 2.2 4 5.4 b 16 0.12 eeeha1h2r2ar (5) 2 000 3.3 4 5.4 b 16 0.12 eeeha1h3r3ar (5) 2 000 4.7 5 5.4 c 23 0.12 eeeha1h4r7ar (5) 1 000 10 6.3 5.4 d 35 0.12 eeeha1h100ap (5) 1 000 22 8 6.2 e 70 0.12 eeeha1h220ap (7) 1 000 33 6.3 7.7 d8 70 0.14 eeehah330xap (5) 900 86.2(e)700.12 eeehah330uap (7) 1 000 810.2 f 91 0.12 eeeha1h330ap (7) 500 47 6.3 7.7 d8 63 0.14 eeehah470xap (5) 900 810.2(f) 95 0.12 eeehah470uap (7) 500 10 10.2 g 100 0.12 eeeha1h470ap (7) 500 100 810.2(f)1100.18 eeehah101uap (7) 500 10 10.2 g 120 0.12 eeeha1h101ap (7) 500 220 10 10.2 (g) 150 0.18 eeehah221uap (7) 500 ? size code( ):miniaturization product if part number exceeds 12 digits, voltage code is abbreviated as follows; 0j  j, 1a  a, 1c  c, 1e  e, 1v  v, 1 h  h ?please refer to the page of ?e? ow pro? le?and ?he taping dimensions? ?when requesting vibration-proof product, please put the last ??instead to ? endurance : 105 ? 1000 h 00 nov. 2012


▲Up To Search▲   

 
Price & Availability of EEE-HAJ331XAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X